Part Number Hot Search : 
ER1001AF 07BB468 AP3990W NTE5262A AN1A4P 01907 BU4218F M66242FP
Product Description
Full Text Search
 

To Download 2N4403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
2N4403
DISCRETE SEMICONDUCTORS
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
Description
Designed for general purpose switching and amplifier applications.
TO-92
.190(4.83) .170(4.33) .190(4.83) .170(4.33) 2 Typ 2 Typ .500 Min (12.70)
o o
Pinning
1 = Emitter 2 = Base 3 = Collector
Absolute Maximum Ratings(TA=25oC)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC PD TJ TSTG Rating -40 -40 -5 -600 625 +150 -55 to +150 Unit V V V mA mW
o o
.050 Typ (1.27)
.022(0.56) .014(0.36) .100 Typ (2.54)
.022(0.56) .014(0.36)
321
.148(3.76) .132(3.36)
C
.050 o o 5 Typ. 5 Typ. (1.27) Typ Dimensions in inches and (millimeters)
C
Electrical Characteristics o
Characteristic
(Ratings at 25 C ambient temperature unless otherwise specified)
Symbol BVCBO BVCEO BVEBO ICEX
(1)
Min -40 -40 -5 -0.75 30 60 100 100 20 200 2%
Typ -
Max -0.1 -0.4 -0.75 -0.95 -1.3 300 8.5
Unit V V V A V V V V MHz pF
Test Conditions IC=-100A, IE=0 IC=-1mA, IB=0 IE=-10A, IC=0 VCE=-35V, VBE=-0.4V IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA IC=-0.1mA, VCE=-1V IC=-1mA, VCE=-1V IC=-10mA, VCE=-1V IC=-150mA, VCE=-2V IC=-500mA, VCE=-2V IC=-20mA, VCE=-10V, f=100MHz VCE=-10V, IE=0, f=1MHz
Collector-Base Breakdown Volatge Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Volatge Collector Cutoff Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
(1)
VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 hFE1 hFE2
DC Current Gain
(1)
hFE3 hFE4 hFE5
Transition Frequency Output Capacitance (1)Pulse Test: Pulse Width
fT Cob 380s, Duty Cycle
Classification of hFE4
Rank Range
A
100~210
B
190~300


▲Up To Search▲   

 
Price & Availability of 2N4403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X